Part Number Hot Search : 
A223M EX24016 2C500A MH89770 B5117 16802 12121 MAX168
Product Description
Full Text Search
 

To Download C67078-S5010-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMPFET(R)
BTS 121A
Features
q q q q q
N channel Logic level Enhancement mode Temperature sensor with thyristor characteristic The drain pin is electrically shorted to the tab
1
2
3
Pin
1 G
2 D
3 S
Type BTS 121A
VDS
100 V
ID
22 A
RDS(on)
0.1
Package TO-220AB
Ordering Code C67078-S5010-A2
Maximum Ratings Parameter Drain-source voltage Drain-gate voltage, RGS = 20 k Gate-source voltage Continuous drain current, TC = 25 C ISO drain current TC = 85 C, VDS = 10 V, VDS = 0.5 V Pulsed drain current, Short circuit current, Symbol Values 100 100 10 22 3.5 88 68 W 800 / 1000 95 - 55 ... + 150 E 55/150/56 K/W 1.32 75 C - A Unit V
VDS VDGR VGS ID ID-ISO ID puls ISC PSCmax Ptot Tj, Tstg
- -
TC = 25 C Tj = - 55 ... + 150 C
Short circuit dissipation, Tj = - 55 ... + 150 C VDS 50 V / VDS 15 V Power dissipation Operating and storage temperature range DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal resistance Chip-case Chip-ambient
Rth JC Rth JA
1
Semiconductor Group
04.97
BTS 121A
Electrical Characteristics at Tj = 25 C, unless otherwise specified. Parameter Symbol min. Static Characteristics Drain-source breakdown voltage VGS = 0, ID = 0.25 mA Gate threshold voltage VGS = VDS, ID = 1 mA Zero gate voltage drain current VGS = 0 V, VDS = 100 Tj = 25 C Tj = 125 C Gate-source leakage current VGS = 20 V, VDS = 0 Tj = 25 C Tj = 150 C Drain-source on-state resistance VGS = 4.5 V, ID = 9.5 A Dynamic Characteristics Forward transconductance VDS 2 x ID x RDS(on)max, ID = 9.5 A Input capacitance VGS = 0, VDS = 25 V, f = 1 MHz Output capacitance VGS = 0, VDS = 25 V, f = 1 MHz Reverse transfer capacitance VGS = 0, VDS = 25 V, f = 1 MHz Turn-on time ton, (ton = td(on) + tr) VCC = 30 V, VGS = 5 V, ID = 3 A, RGS = 50 Turn-off time toff, (toff = td(off) + tf) VCC = 30 V, VGS = 5 V, ID = 3 A, RGS = 50 Values typ. max. Unit
V(BR)DSS
100 - 2.0 - 2.5
V
VGS(th)
1.5
I DSS
- - 0.1 10 1.0 100
A
I GSS
- - 10 2 0.085 100 4 0.1 nA A -
RDS(on)
gfs
8 14 1200 320 160 25 110 210 100 -
S pF - 1500 580 260 40 170 270 130 ns
Ciss Coss
-
Crss
-
td(on) tr td(off) tf
- - - -
Semiconductor Group
2
BTS 121A
Electrical Characteristics (cont'd) at Tj = 25 CC, unless otherwise specified. Parameter Symbol min. Reverse Diode Continuous source current Pulsed source current Diode forward on-voltage I F = 38 A, VGS = 0 Reverse recovery time I F = I S, diF/dt = 100 A/s, VR = 30 V Reverse recovery charge I F = I S, diF/dt = 100 A/s, VR = 30 V Temperature Sensor Forward voltage I TS(on) = 5 mA, Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Forward current Tj = - 55 ... + 150 C Sensor override, tp 100 s Tj = - 55 ... + 160 C Holding current, VTS(off) = 5 V, Switching temperature VTS = 5 V Turn-off time Values typ. max. Unit
IS ISM VSD
- - -
- - 1.35 150 0.58
19 76
A V
1.7 ns - C -
t rr
-
Q rr
-
VTS(on)
- - 1.3 - - - 0.1 0.2 - - 1.4 10
V
ITS(on)
- - 5.0 600 0.5 0.3
mA
Tj = 25 C Tj = 150 C
IH TTS(on)
0.05 0.05 150
C - s 0.5 2.5
toff
VTS = 5 V, ITS(on) = 2 mA
Semiconductor Group
3
BTS 121A
Examples for short-circuit protection at Tj = - 55 ... + 150 C, unless otherwise specified. Parameter Symbol 1 Examples 2 - Unit
Drain-source voltage Gate-source voltage Short-circuit current Short-circuit dissipation Response time Tj = 25 C, before short circuit
VDS VGS ISC PSC tSC(off)
15 5.5 66.7 1000 25
30 4.0 26.7 800 25
- - - - -
V A W ms
Short-circuit protection ISC = f (VDS) Parameter: VGS Diagram to determine ISC for Tj = - 55 ... + 150 C
Max. gate voltage VGS(SC) = f (VDS) Parameter: Tj = - 55 ... + 150 C
Semiconductor Group
4
BTS 121A
Max. power dissipation Ptot = f (TC)
Typ. drain-source on-state resistance RDS(on) = f (ID) Parameter: VGS
Typical output characteristics ID = f (VDS) Parameter: tp = 80 s
Safe operating area ID = f (VDS) Parameter: D = 0.01, TC = 25 C
Semiconductor Group
5
BTS 121A
Drain-source on-state resistance RDS(on) = f (Tj) Parameter: ID = 4.5 A, VGS = 9.5 V
Gate threshold voltage VGS(th) = f (Tj) Parameter: VDS = VGS, ID = 1 mA (spread)
Typ. transfer characteristic ID = f (VGS) Parameter: tp = 80 s, VDS = 25 V
Typ. transconductance gfs = f (ID) Parameter: tp = 80 s, VDS = 25 V
Semiconductor Group
6
BTS 121A
Continuous drain current ID = f (TC) Parameter: VGS 10 V
Forward characteristics of reverse diode IF = f (VSD) Parameter: Tj, tp = 80 s (spread)
Typ. gate-source leakage current IGSS = f (TC) Parameter: VGS = 20 V, VDS = 0
Typ. capacitances C = f (VDS) Parameter: VGS = 0, f = 1 MHz
Semiconductor Group
7
BTS 121A
Transient thermal impedance ZthJC = f (tp) Parameter: D = tp/T
Semiconductor Group
8
BTS 121A Package Outlines
TO 220 AB Standard
Ordering Code C67078-S5010-A2
TO 220 AB SMD Version E 3045
Ordering Code C67078-S5010-A5
9.9 9.5
2.8
3.7
4.4 1.3
12.8
17.5
1
4.6
3)
9.2
1)
0.75 2.54 1.05 2.54
0.5 2.4
GPT05155
1) punch direction, burr max. 0.04 2) dip tinning 3) max. 14.5 by dip tinning press burr max. 0.05
Semiconductor Group
13.5
2)
15.6
9


▲Up To Search▲   

 
Price & Availability of C67078-S5010-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X